Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236M3GT Datasheet(PDF) 25 Page - NEC

Part # UPD17P236M3GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M3GT Datasheet(HTML) 25 Page - NEC

Back Button UPD17P236M3GT Datasheet HTML 21Page - NEC UPD17P236M3GT Datasheet HTML 22Page - NEC UPD17P236M3GT Datasheet HTML 23Page - NEC UPD17P236M3GT Datasheet HTML 24Page - NEC UPD17P236M3GT Datasheet HTML 25Page - NEC UPD17P236M3GT Datasheet HTML 26Page - NEC UPD17P236M3GT Datasheet HTML 27Page - NEC UPD17P236M3GT Datasheet HTML 28Page - NEC UPD17P236M3GT Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
µPD17P236
25
Data Sheet U14776EJ1V0DS00
6.
RECOMMENDED SOLDERING CONDITIONS
For the
µPD17P236 soldering must be performed under the following conditions.
For details of recommended conditions for surface mounting, refer to information document "Semiconductor
Device Mounting Technology Manual" (C10535E).
For other soldering methods, please consult with NEC personnel.
Table 6-1. Soldering Conditions of Surface Mount Type
(1)
µPD17P236M1GT: 28-pin plastic SOP (9.35 mm (375))
µPD17P236M2GT: 28-pin plastic SOP (9.35 mm (375))
µPD17P236M3GT: 28-pin plastic SOP (9.35 mm (375))
µPD17P236M4GT: 28-pin plastic SOP (9.35 mm (375))
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 seconds max. (210°C min.),
IR35-107-2
Number of times: 2 max. Number of days: 7
Note (after that, prebaking is
necessary at 125
°C for 10 hours)
<Caution>
Non-heat-resistant trays, such as magazine and taping trays, cannot be baked
before unpacking.
VPS
Package peak temperature: 215
°C, Time: 40 seconds max. (200°C min.),
VP15-107-2
Number of days: 7
Note (after that, prebaking is necessary at 125
°C for 10 hours)
<Caution>
Non-heat-resistant trays, such as magazine and taping trays, cannot be baked
before unpacking.
Wave soldering
Solder bath temperature: 260
°C max, Time: 10 seconds max., Number of times:
WS60-107-1
once, preheating temperature: 120
°C max. (package surface temperature)
Number of days: 7
Note (after that, prebaking is necessary at 125
°C for 10 hours)
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per side of device)
—
Note
After opening the dry pack, store it at 25
°C or less and 6.5 % RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com