Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236M3GT Datasheet(PDF) 8 Page - NEC

Part # UPD17P236M3GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M3GT Datasheet(HTML) 8 Page - NEC

Back Button UPD17P236M3GT Datasheet HTML 4Page - NEC UPD17P236M3GT Datasheet HTML 5Page - NEC UPD17P236M3GT Datasheet HTML 6Page - NEC UPD17P236M3GT Datasheet HTML 7Page - NEC UPD17P236M3GT Datasheet HTML 8Page - NEC UPD17P236M3GT Datasheet HTML 9Page - NEC UPD17P236M3GT Datasheet HTML 10Page - NEC UPD17P236M3GT Datasheet HTML 11Page - NEC UPD17P236M3GT Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
µPD17P236
8
Data Sheet U14776EJ1V0DS00
1.
DIFFERENCES BETWEEN
µPD17236 AND µPD17P236
µPD17P236 is equipped with PROM to which data can be written by the user instead of the internal mask ROM
(program memory) of the
µPD17236.
Table 1-1 shows the differences between the
µPD17236 and µPD17P236.
The CPU functions and internal hardware of the
µPD17P236, 17230, 17231, 17232, 17233, 17234, 17235, and
17236 are identical. Therefore, the
µPD17P236 can be used to evaluate the program developed for the µPD17230,
17231, 17232, 17233, 17234, 17235, and 17236 system. Note, however, that some of the electrical specifications
such as supply current and low-voltage detection voltage of the
µPD17P236 are different from those of the
µPD17230, 17231, 17232, 17233, 17234, 17235, and 17236.
Table 1-1. Differences among
µPD17236 and µPD17P236
Product Name
µPD17P236
µPD17236
µPD17P236M1, 17P236M2,
Item
17P236M3, 17P236M4
Program memory
One-time PROM
Mask ROM
32 Kbytes (16,384
× 16)
(0000H-3FFFH)
Data memory
223
× 4 bits
Input/output of P1A0 pin
• Input (
µPD17P236M2, 17P236M4)
Any (mask option)
• Output (
µPD17P236M1, 17P236M3)
Clock (RfX) selection for carrier
• RfX = fX/2 (
µPD17P236M1, 17P236M2) Any (mask option)
generation
• RfX = fX (
µPD17P236M3, 17P236M4)
Low-voltage detection circuitNote
Provided
Any (mask option)
Instruction execution time
• 2
µs (VDD = 3.0 to 3.6 V)
• 2
µs (VDD = 2.2 to 3.6 V)
• 4
µs (VDD = 2.2 to 3.6 V)
• 4
µs (VDD = 2.0 to 3.6 V)
Supply voltage
VDD = 2.2 to 3.6 V
VDD = 2.0 to 3.6 V
Package
• 28-pin plastic SOP (9.53 mm (375))
• 30-pin plastic SSOP (7.62 mm (300))
Note
Although the circuit configuration is identical, its electrical characteristics differ depending on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com