Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236M3GT Datasheet(PDF) 14 Page - NEC

Part # UPD17P236M3GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M3GT Datasheet(HTML) 14 Page - NEC

Back Button UPD17P236M3GT Datasheet HTML 10Page - NEC UPD17P236M3GT Datasheet HTML 11Page - NEC UPD17P236M3GT Datasheet HTML 12Page - NEC UPD17P236M3GT Datasheet HTML 13Page - NEC UPD17P236M3GT Datasheet HTML 14Page - NEC UPD17P236M3GT Datasheet HTML 15Page - NEC UPD17P236M3GT Datasheet HTML 16Page - NEC UPD17P236M3GT Datasheet HTML 17Page - NEC UPD17P236M3GT Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
µPD17P236
14
Data Sheet U14776EJ1V0DS00
3.2 Program Memory Writing Procedure
The program memory is written at high speed in the following procedure.
(1)
Pull down the pins not used to GND via resistor. Keep the CLK pin low.
(2)
Supply 5 V to the VDD pin. Keep the VPP pin low.
(3)
Supply 5 V to the VPP pin after waiting for 10
µs.
(4)
Set the program memory address 0 clear mode by using the mode setting pins.
(5)
Supply +6 V to VDD and +12.5 V to VPP.
(6)
Set the program inhibit mode.
(7)
Write data to the program memory in the 1-ms write mode.
(8)
Set the program inhibit mode.
(9)
Set the verify mode. If the data have been written to the program memory, proceed to (10). If not, repeat
steps (7) through (9).
(10) Additional writing of (number of times of writing in (7) through (9): X)
× 1 ms.
(11) Set the program inhibit mode.
(12) Input a pulse to the CLK pin four times to update the program memory address (+1).
(13) Repeat steps (7) through (12) up to the last address.
(14) Set the 0 clear mode of the program memory address.
(15) Change the voltages on the VDD and VPP pins to 5 V.
(16) Turn off power.
The following figure illustrates steps (2) through (12) above.
Write
Repeated X time
Verify
Additional write
Address
increment
MD3
MD2
MD1
MD0
D0-D7
CLK
GND
VDD
VDD
VDD+1
GND
VDD
VPP
VPP
Reset
Data input
Data output
Data input
Hi-Z
Hi-Z
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com