Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236M3GT Datasheet(PDF) 17 Page - NEC

Part # UPD17P236M3GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M3GT Datasheet(HTML) 17 Page - NEC

Back Button UPD17P236M3GT Datasheet HTML 13Page - NEC UPD17P236M3GT Datasheet HTML 14Page - NEC UPD17P236M3GT Datasheet HTML 15Page - NEC UPD17P236M3GT Datasheet HTML 16Page - NEC UPD17P236M3GT Datasheet HTML 17Page - NEC UPD17P236M3GT Datasheet HTML 18Page - NEC UPD17P236M3GT Datasheet HTML 19Page - NEC UPD17P236M3GT Datasheet HTML 20Page - NEC UPD17P236M3GT Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
µPD17P236
17
Data Sheet U14776EJ1V0DS00
Recommended Operating Ranges (TA = –40 to +85
°C, VDD = 2.2 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD1
fX = 1 MHz
High-speed mode
2.2
3.6
V
(Instruction execution time: 16
µs)
VDD2
fX = 4 MHz
High-speed mode
(Instruction execution time: 4
µs)
VDD3
fX = 8 MHz
Ordinary mode
(Instruction execution time: 4
µs)
VDD4
High-speed mode
3.0
3.6
V
(Instruction execution time: 2
µs)
Oscillation frequency
fX
1.0
4.0
8.0
MHz
Operating temperature
TA
–40
+25
+85
°C
Low-voltage detector circuit
Note
tCY
432
µs
Note
Reset if the status of VDD = 2.05 V (TYP.) lasts for 1 ms or longer. Program hang-up does not occur even
if the voltage drops, until the reset function is effected. Some oscillators stop oscillating before the reset
function is effected.
fX vs VDD
Supply voltage: VDD (V)
0.4
2
1
3
4
5
6
7
8
9
10
2
0
2.2
3
3.6
4
(MHZ)
Operation
guaranteed area
Remark
The region indicated by the broken line in the above figure is the guaranteed operating range in the high-
speed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com