Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3981 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 9Page - STMicroelectronics AN3981 Datasheet HTML 10Page - STMicroelectronics AN3981 Datasheet HTML 11Page - STMicroelectronics AN3981 Datasheet HTML 12Page - STMicroelectronics AN3981 Datasheet HTML 13Page - STMicroelectronics AN3981 Datasheet HTML 14Page - STMicroelectronics AN3981 Datasheet HTML 15Page - STMicroelectronics AN3981 Datasheet HTML 16Page - STMicroelectronics AN3981 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
AN3981
8-bit LED array drivers
Doc ID 022217 Rev 1
13/54
Figure 10.
Fault conditions detected by error detection mode: a) shorted LED; b)
open LED; c) short-circuit from current generator to VLED; d) open
channel; e) short-circuit from current generator to GND
The diagnostic circuitry embedded in the STP08DP05 can detect these faulty conditions (in
accordance with the detection thresholds of Table 1) and provide the results of the detection
as an “Error status code” coming out of the SDO pin (see Figure 11), with “0” logic level
indicating a faulty channel, whereas a “1” logic level indicates a “good” channel.
Table 1.
Detection conditions
Detection conditions
Detection result
IODEC
(1) = 0.5·I
O
(2)
1.
IODEC is the detected output current in detection mode.
2.
IO is the programmed output current.
Open channel or output short to GND detected
IODEC = 0.5·IO
No error detected
VO = 2.5 V
LED short-circuit or LED shorted to supply voltage
VO = 2.2 V
No error detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com