Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3981 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 35Page - STMicroelectronics AN3981 Datasheet HTML 36Page - STMicroelectronics AN3981 Datasheet HTML 37Page - STMicroelectronics AN3981 Datasheet HTML 38Page - STMicroelectronics AN3981 Datasheet HTML 39Page - STMicroelectronics AN3981 Datasheet HTML 40Page - STMicroelectronics AN3981 Datasheet HTML 41Page - STMicroelectronics AN3981 Datasheet HTML 42Page - STMicroelectronics AN3981 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
AN3981
Common application information
Doc ID 022217 Rev 1
39/54
Figure 46.
Maximum power dissipation vs. ambient temperature for 24-bit LED
drivers (TQFP-48)
Example 1: Applications with a 16-bit LED driver (e.g. traffic signs), one amber LED (60 mA,
2 V-2.2 V forward voltage, depending on current and temperature) per channel.
Assuming an LED voltage rail of 3.3 V, the voltage drop across current generators can be
considered around 1.2 V.
The power dissipation, including only the main contribution of the current generators, can be
calculated as:
Equation 15
Once the power dissipation has been estimated, the ambient conditions must be taken into
account. A large LED panel can produce significant heat and can contribute to a
considerable increase of the temperature inside the system.
Figure 47 shows, once the maximum power dissipation is fixed, which ambient temperature
range can be covered according to the package.
The TSSOP-24 and the QSOP-24 are surely the least suitable for this application. So the
choice is oriented towards the HTSSOP-24 (the best, thanks to the exposed pad) or to the
SO-24 (if a lower maximum ambient temperature can be accepted).
 
∑
=
=
⋅
⋅
=
⋅
=
16
1
i
i
,
CH
i
,
O
DISS
W
152
.
1
mA
60
V
2
.
1
16
I
V
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com