Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3981 Datasheet(PDF) 49 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 45Page - STMicroelectronics AN3981 Datasheet HTML 46Page - STMicroelectronics AN3981 Datasheet HTML 47Page - STMicroelectronics AN3981 Datasheet HTML 48Page - STMicroelectronics AN3981 Datasheet HTML 49Page - STMicroelectronics AN3981 Datasheet HTML 50Page - STMicroelectronics AN3981 Datasheet HTML 51Page - STMicroelectronics AN3981 Datasheet HTML 52Page - STMicroelectronics AN3981 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
AN3981
Common application information
Doc ID 022217 Rev 1
49/54
Figure 59.
LED matrix panel driving solution
Eight channels out of sixteen are connected to the common cathodes (8 cathodes per
channel) and, if turned on, sink current from 1 to 8 LEDs (according to the number of LEDs
activated in each column).
The remaining channels are dedicated to driving the base of 8 transistors (used as
switches), each one used to connect or not eight anodes (of the same row) to the LED
voltage rail (if any, or to VCC if the voltage supply is the same as that which sources the IC).
The timing diagram in Figure 60 shows how to send data properly in order to correctly
display the desired information.
Each 16-bit group is used to select the row (bit 15 to bit 8) and the column (bit 7 to bit 0) of
the matrix. The complete image, considering a matrix of 8x8, is built in 8 cycles. Each cycle
is used to select a row (activating more columns) or a column (activating more rows).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com