Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3981 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3981
Description  LED array drivers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3981 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3981 Datasheet HTML 17Page - STMicroelectronics AN3981 Datasheet HTML 18Page - STMicroelectronics AN3981 Datasheet HTML 19Page - STMicroelectronics AN3981 Datasheet HTML 20Page - STMicroelectronics AN3981 Datasheet HTML 21Page - STMicroelectronics AN3981 Datasheet HTML 22Page - STMicroelectronics AN3981 Datasheet HTML 23Page - STMicroelectronics AN3981 Datasheet HTML 24Page - STMicroelectronics AN3981 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
AN3981
16-bit LED array drivers
Doc ID 022217 Rev 1
21/54
Figure 21.
Fault conditions detected by error detection mode: a) shorted LED; b)
open LED; c) short-circuit from current generator to VLED; d) open
channel; e) short-circuit from current generator to GND
The diagnostic circuitry embedded in the STP16DPxy05 can detect these faulty conditions
(in accordance with the detection thresholds of Table 3) and provide the results of the
detection as an “Error status code” coming out of the SDO pin (see Figure 22), with “0” logic
level indicating a faulty channel, whereas “1” logic level indicates a “good” channel.
Figure 22.
Error status code
Table 3.
Detection conditions
Detection conditions
Detection result
IODEC
(1) = 0.5·I
O
(2)
1.
IODEC is the detected output current in detection mode.
2.
IO is the programmed output current.
Open channel or output short to GND detected
IODEC = 0.5·IO
No error detected
VO = 2.4 V
Short on LED or short to LED supply voltage
VO = 2.2 V
No error detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com