Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4007 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 3Page - STMicroelectronics AN4007 Datasheet HTML 4Page - STMicroelectronics AN4007 Datasheet HTML 5Page - STMicroelectronics AN4007 Datasheet HTML 6Page - STMicroelectronics AN4007 Datasheet HTML 7Page - STMicroelectronics AN4007 Datasheet HTML 8Page - STMicroelectronics AN4007 Datasheet HTML 9Page - STMicroelectronics AN4007 Datasheet HTML 10Page - STMicroelectronics AN4007 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AN4007
Test board: design and evaluation
Doc ID 022455 Rev 2
7/33
Table 3.
VIPER37LE power supply: transformer characteristics
Figure 3.
Dimensional drawing
1.1
Output voltage characteristics
The output voltage of the board is measured in different line and load conditions.
Figure 4
shows the results: the output voltage variation range is a few tens of mV for all the tested
conditions.
All output voltages have been measured on the output connector of the board.
Manufacturer Magnetica
Values
Part number
1715.0038
Primary inductance
1.3 mH
Leakage inductance
3% nom
Primary to secondary turn ratio
16.2 ± 5%
Primary to auxiliary turn ratio
5.90 ± 5%
Insulation primary-secondary
AC 4 kV (1 s – 2 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com