Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4007 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4007 Datasheet HTML 1Page - STMicroelectronics AN4007 Datasheet HTML 2Page - STMicroelectronics AN4007 Datasheet HTML 3Page - STMicroelectronics AN4007 Datasheet HTML 4Page - STMicroelectronics AN4007 Datasheet HTML 5Page - STMicroelectronics AN4007 Datasheet HTML 6Page - STMicroelectronics AN4007 Datasheet HTML 7Page - STMicroelectronics AN4007 Datasheet HTML 8Page - STMicroelectronics AN4007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AN4007
List of figures
Doc ID 022455 Rev 2
3/33
List of figures
Figure 1.
Demonstration board image: power supply board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Dimensional drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Line and load regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Efficiency vs. output power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
No load consumption vs. input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Light load consumption at different output power without brownout . . . . . . . . . . . . . . . . . . 10
Figure 8.
Light load consumption at different output power with brownout . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
Drain current and voltage at full load 85 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Drain current and voltage at full load 115 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
Drain current and voltage at full load 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 12.
Drain current and voltage at full load 264 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 13.
Output voltage ripple at full load and 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14.
Output voltage ripple at full load and 115 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 15.
Output voltage ripple during burst mode and 115 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 16.
Output voltage ripple during burst mode and 230 VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 17.
Dynamic step load: 0 to 50% load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 18.
Dynamic step load: 50 to 100% load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 19.
Dynamic step load: 0 to 100% load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 20.
Soft-start feature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 21.
Overload event: OLP triggering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 22.
Overload event: continuous overload . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 23.
Overvoltage event: OVP triggering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 24.
Overvoltage event: OVP triggering (magnification) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 25.
2nd level OCP: protection tripping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 26.
2nd level OCP: steady-state operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 27.
Brownout protection: converter’s power-down phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 28.
Brownout protection: converter’s wake-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 29.
Brownout protection: converter’s wake-up (magnification) . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 30.
CE average measurement at 115 VAC and full load: average measurement . . . . . . . . . . . 27
Figure 31.
CE average measurement at 230 VAC and full load: average measurement . . . . . . . . . . . 28
Figure 32.
CE average measurement at 115 VAC and full load: peak measurement . . . . . . . . . . . . . 28
Figure 33.
CE average measurement at 230 VAC and full load: peak measurement . . . . . . . . . . . . . 29
Figure 34.
Thermal map at 115 VAC and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 35.
Thermal map at 230 VAC and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com