Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4007 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4007 Datasheet HTML 18Page - STMicroelectronics AN4007 Datasheet HTML 19Page - STMicroelectronics AN4007 Datasheet HTML 20Page - STMicroelectronics AN4007 Datasheet HTML 21Page - STMicroelectronics AN4007 Datasheet HTML 22Page - STMicroelectronics AN4007 Datasheet HTML 23Page - STMicroelectronics AN4007 Datasheet HTML 24Page - STMicroelectronics AN4007 Datasheet HTML 25Page - STMicroelectronics AN4007 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Protection features
AN4007
22/33
Doc ID 022455 Rev 2
2.2
Overvoltage protection
An output overvoltage protection is implemented monitoring the voltage across the auxiliary
winding during the MOSFET turn-off time, through the diode D4 and the resistor dividers R4
and R12 connected on the CONT pin of the VIPER37LE. If this voltage exceeds the VOVP
threshold (3 V typ.), an overvoltage event is assumed and the device is no longer allowed to
switch.
To re-enable operation, the VDD voltage must be recycled. In order to provide high noise
immunity and avoid that spikes erroneously trip the protection, a digital filter was
implemented so the CONT pin must sense a voltage higher than VOVP for four consecutive
cycles before stopping operation.
The protection can be tested by opening the resistor R9. In this way the converter operates
in open loop and the excess of power with respect to the load charges the output
capacitance, increasing the output voltage as the OVP is tripped and the converter stops
switching.
In
Figure 23 and 24 it is possible to see that output voltage increases and as it reaches the
value of 6.5 V the converter stops switching. In the same figure the CONT pin voltage is
reported. The crest value of the CONT pin voltage tracks the output voltage.
Figure 23.
Overvoltage event: OVP triggering
AM11362v1
Ch2 (Max): 6.48 V
M: 400.0 µs/div
VOUT
I DRAIN
VCONT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com