Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4007 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4007
Description  In several applications, such as LCD or plasma TVs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4007 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4007 Datasheet HTML 1Page - STMicroelectronics AN4007 Datasheet HTML 2Page - STMicroelectronics AN4007 Datasheet HTML 3Page - STMicroelectronics AN4007 Datasheet HTML 4Page - STMicroelectronics AN4007 Datasheet HTML 5Page - STMicroelectronics AN4007 Datasheet HTML 6Page - STMicroelectronics AN4007 Datasheet HTML 7Page - STMicroelectronics AN4007 Datasheet HTML 8Page - STMicroelectronics AN4007 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Test board: design and evaluation
AN4007
4/33
Doc ID 022455 Rev 2
1
Test board: design and evaluation
Table 1 summarizes the electrical specifications of the power supply, Table 2 provides the
bom list and
Table 3 lists the transformer characteristics. The electrical schematic is shown
in
Figure 1 and the PCB layout in Figure 4.
Table 1.
VIPER37LE power supply: electrical specifications
Parameter
Min.
Typ.
Max.
AC main input voltage
85 VAC
265 VAC
Mains frequency (fL)
50 Hz
60 Hz
Output voltage
4.75 V
5 V
5.25 V
Output current
3 A
Output ripple voltage
50 mV
Rated output power
15 W
Input power in standby
30 mW
Active mode efficiency
70%
Ambient operating temperature
60 °C
Table 2.
VIPER37LE demonstration board: bom list
Reference
Part
Description
Note
R1
2.2 M
Ω
1% tolerance
R2
3.9 M
Ω
1% tolerance
R3
2 M
Ω
1% tolerance
R4
150 k
Ω
1% tolerance
R5
3.3
Ω
R6
330
Ω
R7
220
Ω
R8
12 k
Ω
R9
120 k
Ω
1% tolerance
R10
10 k
Ω
R11
33 k
Ω
1% tolerance
R12
33 k
Ω
1% tolerance
R13
47 k
Ω
R14
39 k
Ω
1% tolerance
C1
220 pF - 630 V film capacitor
C2
33 µF - 400 V electrolytic
C3, C4
ZLK series
1200 µF - 16 V electrolytic
Rubycon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com