Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4248 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 9Page - STMicroelectronics AN4248 Datasheet HTML 10Page - STMicroelectronics AN4248 Datasheet HTML 11Page - STMicroelectronics AN4248 Datasheet HTML 12Page - STMicroelectronics AN4248 Datasheet HTML 13Page - STMicroelectronics AN4248 Datasheet HTML 14Page - STMicroelectronics AN4248 Datasheet HTML 15Page - STMicroelectronics AN4248 Datasheet HTML 16Page - STMicroelectronics AN4248 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
DocID024214 Rev 1
13/46
AN4248
Output overvoltage protection (ZCD setting)
8
Output overvoltage protection (ZCD setting)
There are two functions of the ZCD pin:
De-magnetizing input in QR operation by taking feedback from auxiliary winding
Sensing output voltage reflection through auxiliary winding and initiate output
overvoltage shutdown at desired output OVP level
The zero current detection (ZCD) and triggering blocks switch on the external MOSFET if a
negative-going edge falling below 50 mV is applied to the input (pin 11, ZCD). To do so the
triggering block must be previously armed by a positive-going edge exceeding 100 mV. This
feature is usually used for sensing transformer demagnetization in QR operation to start
another switching cycle. The signal for the ZCD input is obtained from the transformer's
auxiliary winding used also to supply the L6566B. The triggering block is blanked for
TBLANK = 2.5
μs after MOSFET's turnoff to prevent any negative-going edge that follows
leakage inductance demagnetization from triggering the ZCD circuit erroneously.
The same pin also performs OVP protection. The resistor divider network at the ZCD pin
sets the OVP level where protection is required. If the voltage on the pin exceeds an internal
5 V reference, a comparator is triggered, an overvoltage condition is assumed and the
device is shut down. An internal current generator is activated that sources 1 mA out of the
VFF pin (15). If the VFF voltage is allowed to reach 2 Vbe over 5 V, the L6566B will be
latched off. If the impedance externally connected to pin 15 is so low that the 5+2VBE
threshold cannot be reached or if some means is provided to prevent that, the device will be
able to restart after the VCC has dropped below 5 V. So in that case this OVP protection by
ZCD pin will be auto restart type. On the other hand if VFF pin is grounded with a 10 K
resistor, in that case as soon as ZCD senses 5 V due to overvoltage at output, the internal
current generator starts providing current to the VFF pin and voltage of VFF pin reaches 6.4
V. In that case the device gets latched due to output OVP. So both auto restart as well as
latched shutdown protections are possible.
Figure 8. Output overvoltage setting using Z the CD pin
The ZCD pin will be connected to the auxiliary winding through a resistor divider RZ1, RZ2
as shown above. The divider ratio kOVP = RZ2 / (RZ1 + RZ2) will be chosen equal to:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com