Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4248 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 37Page - STMicroelectronics AN4248 Datasheet HTML 38Page - STMicroelectronics AN4248 Datasheet HTML 39Page - STMicroelectronics AN4248 Datasheet HTML 40Page - STMicroelectronics AN4248 Datasheet HTML 41Page - STMicroelectronics AN4248 Datasheet HTML 42Page - STMicroelectronics AN4248 Datasheet HTML 43Page - STMicroelectronics AN4248 Datasheet HTML 44Page - STMicroelectronics AN4248 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
DocID024214 Rev 1
41/46
AN4248
Burst mode
19
Burst mode
Figure 38 and Figure 39 shows the operation of converter during no load conditions. When
there is very light load or no load at output, L6566B COMP pin voltage goes below 2.65 V,
the IC get disabled and power consumption goes is reduced. As soon as COMP pin voltage
rises above this threshold, the switching attempts takes place.
So during this conditions the input power from mains goes in range of mW. The AC input
power consumptions are mentioned below at extreme line operating conditions.
Figure 38. Burst mode operation at 100 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com