Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4248 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 33Page - STMicroelectronics AN4248 Datasheet HTML 34Page - STMicroelectronics AN4248 Datasheet HTML 35Page - STMicroelectronics AN4248 Datasheet HTML 36Page - STMicroelectronics AN4248 Datasheet HTML 37Page - STMicroelectronics AN4248 Datasheet HTML 38Page - STMicroelectronics AN4248 Datasheet HTML 39Page - STMicroelectronics AN4248 Datasheet HTML 40Page - STMicroelectronics AN4248 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
DocID024214 Rev 1
37/46
AN4248
Short-circuit test
In Figure 34 , we can observe the behavior of the VCC voltage as described above. In
Figure 35, the waveforms are triggered in different time scale, where single switching pulses
are spaced with 150 us.
Figure 36 & 37 displays more clearly the single pulse timing and peak values of drain-
source voltage with leakage spike overshoot and peak drain current values. Triggered at
different levels corresponding to different Ton instants. Looking to figure 22, maximum drain
current is limited to 2.7 A peak approx and there is no saturation effect observed in
transformer.
The overall operation is safe and average input power from the mains drops to negligible
values.
Figure 32. Hold up test CH1: load current 2.4 A max; CH4: AC Input 230 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com