Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4248 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 19Page - STMicroelectronics AN4248 Datasheet HTML 20Page - STMicroelectronics AN4248 Datasheet HTML 21Page - STMicroelectronics AN4248 Datasheet HTML 22Page - STMicroelectronics AN4248 Datasheet HTML 23Page - STMicroelectronics AN4248 Datasheet HTML 24Page - STMicroelectronics AN4248 Datasheet HTML 25Page - STMicroelectronics AN4248 Datasheet HTML 26Page - STMicroelectronics AN4248 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
DocID024214 Rev 1
23/46
AN4248
Bill of material
13
Bill of material
Table 3. Bill of material
Sr no
Part reference
Part description
Make
1
R2
Resistor 1 M, SMD 1206
2.
R7
Resistor 1 M, SMD 1206
3
R10
Resistor 1 M, SMD 1206
4
R15
Resistor 1 M, SMD 1206
5
R3
Resistor 330 K, SMD 1206
6
R8
Resistor 330 K, SMD 1206
7
R12
Resistor 330 K, SMD 1206
8
R4
Resistor 330 K, SMD 1206
9
R9
Resistor 330 K, SMD 1206
10
R13
Resistor 330 K, SMD 1206
11
R16
Resistor 1.5 K, SMD 1206
12
R21
Resistor 5.1 K, SMD 1206
13
R22
Resistor 510 E, SMD 1206
14
R17
Resistor 47 K, SMD 0805
15
R25
Resistor 20K, SMD 0805
16
R23
Resistor 10K, SMD 0805
17
R37
Resistor 100K, SMD 0805
18
R26
Resistor 1 K, SMD 0805
19
R28
Resistor 1 K, SMD 0805
20
R34
Resistor 12 K, SMD 0805
21
R35
Resistor 1.2 E, SMD 1206, 1%
22
R36
Resistor 1.2 E, SMD 1206, 1%
23
R29
Resistor 1.2 E, SMD 1206, 1%
24
R30
Resistor 10 E, SMD 1206
25
R18
Resistor 10 E, SMD 0805
26
R11
Resistor 22 E, SMD 0805
26
R19
Resistor 27 E, SMD 0805
27
R20
Resistor 47 K, SMD 0805
28
R24
Resistor 1.2 K, SMD 0805
29
R27
Resistor 2.2 K, SMD 0805
30
R32
Resistor 39 K, SMD 0805, 1%
31
R38
Resistor 4.7 K, SMD 0805, 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com