Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R06F Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIA78R06F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R06F Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIA78R06F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2001. 5. 30
5/8
KIA78R05F~KIA78R15F
Revision No : 1
Fig.5-7 T - V (KIA78R15)
JUNCTION TEMPERATURE T ( C)
-150
-25
-200
025
50
j
I =0.5A
V
=21V
100
-50
-100
50
0
200
150
250
O
IN
o
100
j
75
125
R =
INPUT VOLTAGE V
(V)
1
0
0
3
2
5
4
2
L
R =10
Ω
L
4
L
R =5
Ω
IN
68
Fig.6-1 V
- V (KIA78R05)
7
6
8
IN
o
INPUT VOLTAGE V
(V)
0
0
510
IN
15
Fig.6-2 V
- V (KIA78R06)
IN
o
L
R =
R =6
Ω
L
Fig.5-6 T - V (KIA78R12)
JUNCTION TEMPERATURE T ( C)
-150
-25
-200
025
50
j
I =0.5A
V =18V
100
-50
-100
50
0
200
150
250
O
IN
o
100
j
75
125
JUNCTION TEMPERATURE T ( C)
50
0
-50
-100
-25
-150
050
25
75
125
j
100
Fig.5-5 T -
V (KIA78R10)
I =0.5A
V =16V
200
150
100
O
IN
j
o
1
2
3
4
5
6
7
8
Fig.6-3 V
- V (KIA78R08)
R =8
Ω
INPUT VOLTAGE V
(V)
5
0
0
10
IN
L
R =
L
IN
o
15
5
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com