Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R06F Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA78R06F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R06F Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA78R06F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2001. 5. 30
7/8
KIA78R05F~KIA78R15F
Revision No : 1
R =
INPUT VOLTAGE V
(V)
0
0
L
IN
Fig.7-6 V
- I
(KIA78R12)
10
20
30
40
IN
BIAS
R =12
Ω
L
5
10
152025
R =24
Ω
L
R =12
Ω
L
R =
L
Fig.8 T - V
JUNCTION TEMPERATURE T ( C)
0
-25
j
I =1A
O
D
j
0
25
50
75
100
125
0.1
0.2
0.3
0.4
0.5
I =0.75A
O
I =0.5A
O
I =0.25A
O
R =24
Ω
L
Fig.7-7 V
- I
(KIA78R15)
R =15
Ω
INPUT VOLTAGE V
(V)
0
0
10
5
L
40
30
20
R =24
Ω
R =
L
L
20
R =15
Ω
10
IN
15
L
R =
R =30
Ω
L
L
25
BIAS
IN
R =
INPUT VOLTAGE V
(V)
0
0
IN
Fig.7-3 V
- I
(KIA78R08)
10
20
30
40
IN
BIAS
L
510
15
Fig.7-4 V
- I
(KIA78R09)
INPUT VOLTAGE V
(V)
0
0
10
20
30
40
10
5
IN
15
R =
L
L
R =9
Ω
R =18
Ω
L
BIAS
IN
INPUT VOLTAGE V
(V)
10
0
05
IN
15
10
20
30
40
R =
L
L
R =10
Ω
Fig.7-5 V
- I
(KIA78R10)
BIAS
IN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com