Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R06F Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KIA78R06F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R06F Datasheet(HTML) 8 Page - KEC(Korea Electronics)

  KIA78R06F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2001. 5. 30
8/8
KIA78R05F~KIA78R15F
Revision No : 1
Fig.9 T - I
JUNCTION TEMPERATURE T ( C)
0
-25
j
q
j
0
25
50
75
100
125
2
4
6
8
10
V
=35V
I =0
IN
O
Fig. 10-1 f - RR
INPUT RIPPLE FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
80
110
100
I =0.5A,ei=0.5V
V =7V(KIA78R05)
O
IN
rms
V =15V(KIA78R09)
IN
V =18V(KIA78R12)
IN
OUTPUT CURRENT I
(A)
V =18V(KIA78R12)
V =15V(KIA78R09)
V =7V(KIA78R05)
C
=3.3
µF
0.1
20
IN
IN
IN
ref
rms
Fig.10-2 I - RR
O
O
f=120Hz,ei=0.5V
0.5
1.0
30
40
50
60
70
V =21V(KIA78R15)
IN
V =21V(KIA78R15)
IN
V =8V(KIA78R06)
IN
V =10V(KIA78R08)
IN
V =10V(KIA78R08)
IN
V =16V(KIA78R10)
IN
V =8V(KIA78R06)
IN
V =16V(KIA78R10)
IN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com