Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R06F Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIA78R06F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R06F Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KIA78R06F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R06F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2001. 5. 30
6/8
KIA78R05F~KIA78R15F
Revision No : 1
INPUT VOLTAGE V
(V)
L
R =10
Ω
0
0
R =
L
5
R =5
Ω
L
IN
10
Fig.7-1 V
- I
(KIA78R05)
IN
BIAS
10
20
30
40
0
0
INPUT VOLTAGE V
(V)
IN
Fig.6-4 V
- V (KIA78R09)
510
15
5
10
R =
R =18
Ω
R =9
Ω
L
L
L
Fig.6-6 V
- V (KIA78R12)
INPUT VOLTAGE V
(V)
L
R =12
Ω
0
0
20
R =
L
R =24
Ω
L
IN
510
15
20
25
5
10
15
IN
O
IN
o
INPUT VOLTAGE V
(V)
0
0
510
15
20
IN
25
Fig.6-7 V
- V (KIA78R15)
R =30
Ω
5
10
L
15
20
R =15
Ω
L
L
R =
IN
O
Fig.6-5 V
- V (KIA78R10)
INPUT VOLTAGE V
(V)
IN
R =10
Ω
5
0
0
5
R =
L
L
10
10
o
IN
15
15
Fig.7-2 V
- I
(KIA78R06)
L
R =6
Ω
INPUT VOLTAGE V
(V)
0
0
10
IN
5
L
R =
20
30
40
BIAS
IN
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com