Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6900
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 2 Page - Linear Technology

  LTC6900 Datasheet HTML 1Page - Linear Technology LTC6900 Datasheet HTML 2Page - Linear Technology LTC6900 Datasheet HTML 3Page - Linear Technology LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC6900
2
6900fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+) to GND......................... – 0.3V to 6V
DIV to GND .................................... –0.3V to (V+ + 0.3V)
SET to GND.................................... – 0.3V to (V+ + 0.3V)
Operating Temperature Range (Note 8)
LTC6900C............................................– 40°C to 85°C
LTC6900I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
1
2
3
V+
GND
SET
5
4
OUT
DIV
TJMAX = 150°C, θJA = 256°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6900CS5#PBF
LTC6900CS5#TRPBF
LTZM
5-Lead Plastic TSOT-23
–40°C to 85°C
LTC6900IS5#PBF
LTC6900IS5#TRPBF
LTZM
5-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, RL= 5k, CL = 5pF, Pin 4 = V + unless otherwise noted.
All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Δf
Frequency Accuracy (Notes 2, 3)
V+ = 5V
5kHz ≤ f ≤ 10MHz
5kHz ≤ f ≤ 10MHz, LTC6900C
5kHz ≤ f ≤ 10MHz, LTC6900I
1kHz ≤ f < 5kHz
10MHz < f ≤ 20MHz
●
●
± 0.5
±2
±2
±1.5
±2.0
±2.5
%
%
%
%
%
V+ = 3V
5kHz ≤ f ≤ 10MHz
5kHz ≤ f ≤ 10MHz, LTC6900C
5kHz ≤ f ≤ 10MHz, LTC6900I
1kHz ≤ f < 5kHz
●
●
± 0.5
±2
±1.5
±2.0
±2.5
%
%
%
%
RSET
Frequency-Setting Resistor Range
|Δf| < 1.5%
V+ = 5V
V+ = 3V
20
20
400
400
kΩ
kΩ
Δf/ΔT
Frequency Drift Overtemperature
(Note 3)
RSET = 63.2k
●
± 0.004
%/°C
Δf/ΔV
Frequency Drift Over Supply (Note 3)
V+ = 3V to 5V, RSET = 63.2k
●
0.04
0.1
%/V
Timing Jitter (Note 4)
Pin 4 = V+, 20k ≤ RSET ≤ 400k
Pin 4 = Open, 20k ≤ RSET ≤ 400k
Pin 4 = 0V, 20k ≤ RSET ≤ 400k
0.1
0.2
0.6
%
%
%
Long-Term Stability of Output
Frequency
300
ppm/√kHr
Duty Cycle (Note 7)
Pin 4 = V+ or Open (DIV Either by 100 or 10)
Pin 4 = 0V (DIV by 1), RSET = 20k to 400k
●
●
49
45
50
50
51
55
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com