Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6900
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 3 Page - Linear Technology

  LTC6900 Datasheet HTML 1Page - Linear Technology LTC6900 Datasheet HTML 2Page - Linear Technology LTC6900 Datasheet HTML 3Page - Linear Technology LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC6900
3
6900fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Frequencies near 100kHz and 1MHz may be generated using two
different values of RSET (see the Selecting the Divider Setting Resistor
paragraph in the Applications Information section). For these frequencies,
the error is specified under the following assumption: 20k < RSET ≤ 200k.
Note 3: Frequency accuracy is defined as the deviation from the
fOSC equation.
Note 4: Jitter is the ratio of the peak-to-peak distribution of the period to
the mean of the period. This specification is based on characterization and
is not 100% tested. Also, see the Peak-to-Peak Jitter vs Output Frequency
curve in the Typical Performance Characteristics section.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, RL= 5k, CL = 5pF, Pin 4 = V + unless otherwise noted.
All voltages are with respect to GND.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Operating Supply Range
●
2.7
5.5
V
IS
Power Supply Current
RSET = 400k, Pin 4 = V+, RL = ∞
V+ = 5V
fOSC = 5kHz
V+ = 3V
●
●
0.32
0.29
0.42
0.38
mA
mA
RSET = 20k, Pin 4 = 0V, RL = ∞
V+ = 5V
fOSC = 10MHz
V+ = 3V
●
●
0.92
0.68
1.20
0.86
mA
mA
VIH
High Level DIV Input Voltage
●
V+ – 0.4
V
VIL
Low Level DIV Input Voltage
●
0.5
V
IDIV
DIV Input Current (Note 5)
Pin 4 = V+
V+ = 5V
Pin 4 = 0V
V+ = 5V
●
●
–4
2
–2
4μA
μA
VOH
High Level Output Voltage (Note 5)
V+ = 5V
IOH = – 1mA
IOH = –4mA
●
●
4.8
4.5
4.95
4.8
V
V
V+ = 3V
IOH = – 1mA
IOH = –4mA
●
●
2.7
2.2
2.9
2.6
V
V
VOL
Low Level Output Voltage (Note 5)
V+ = 5V
IOL = 1mA
IOL = 4mA
●
●
0.05
0.2
0.15
0.4
V
V
V+ = 3V
IOL = 1mA
IOL = 4mA
●
●
0.1
0.4
0.3
0.7
V
V
tr
OUT Rise Time
(Note 6)
V+ = 5V
Pin 4 = V+ or Floating, RL = ∞
Pin 4 = 0V, RL = ∞
14
7
ns
ns
V+ = 3V
Pin 4 = V+ or Floating, RL = ∞
Pin 4 = 0V, RL = ∞
19
11
ns
ns
tf
OUT Fall Time
(Note 6)
V+ = 5V
Pin 4 = V+ or Floating, RL = ∞
Pin 4 = 0V, RL = ∞
13
6
ns
ns
V+ = 3V
Pin 4 = V+ or Floating, RL = ∞
Pin 4 = 0V, RL = ∞
19
10
ns
ns
Note 5: To conform with the Logic IC Standard convention, current out of
a pin is arbitrarily given as a negative value.
Note 6: Output rise and fall times are measured between the 10% and 90%
power supply levels. These specifications are based on characterization.
Note 7: Guaranteed by 5V test.
Note 8: The LTC6900C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6900C is designed, characterized and expected to
meet specified performance from – 40°C to 85°C but is not tested or
QA sampled at these temperatures. The LTC6900I is guaranteed to meet
specified performance from –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com