Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6900
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6900 Datasheet HTML 2Page - Linear Technology LTC6900 Datasheet HTML 3Page - Linear Technology LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology LTC6900 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC6900
6
6900fa
OPERATION
As shown in the Block Diagram, the LTC6900’s master os-
cillator is controlled by the ratio of the voltage between the
V+ and SET pins and the current (IRES) is entering the SET
pin. The voltage on the SET pin is forced to approximately
1.1V below V+ by the PMOS transistor and its gate bias
voltage. This voltage is accurate to ± 8% at a particular
input current and supply voltage (see Figure 1).
A resistor RSET, connected between the V+ and SET pins,
“locks together” the voltage (V+ – VSET) and current, IRES,
variation. This provides the LTC6900’s high precision. The
master oscillation frequency reduces to:
ƒMO =10MHz •
20k
Ω
RSET
⎛
⎝⎜
⎞
⎠⎟
The LTC6900 is optimized for use with resistors between
10k and 2M, corresponding to master oscillator frequen-
cies between 100kHz and 20MHz.
To extend the output frequency range, the master oscillator
signal may be divided by 1, 10 or 100 before driving OUT
(Pin 5). The divide-by value is determined by the state of
the DIV input (Pin 4). Tie DIV to GND or drive it below 0.5V
to select ÷1. This is the highest frequency range, with the
master output frequency passed directly to OUT. The DIV
pin may be floated or driven to midsupply to select ÷10,
the intermediate frequency range. The lowest frequency
range, ÷100, is selected by tying DIV to V+ or driving it to
within 0.4V of V+. Figure 2 shows the relationship between
RSET, divider setting and output frequency, including the
overlapping frequency ranges near 100kHz and 1MHz.
The CMOS output driver has an on resistance that is typi-
cally less than 100Ω. In the ÷1 (high frequency) mode,
the rise and fall times are typically 7ns with a 5V supply
and 11ns with a 3V supply. These times maintain a clean
square wave at 10MHz (20MHz at 5V supply). In the ÷10
and ÷100 modes, where the output frequency is much lower,
slew rate control circuitry in the output driver increases
the rise/fall times to typically 14ns for a 5V supply and
19ns for a 3V supply. The reduced slew rate lowers EMI
(electromagnetic interference) and supply bounce.
Figure 1. V+ – VSET Variation with IRES
Figure 2. RSET vs Desired Output Frequency
IRES (μA)
1
0.1
0.8
1.2
1.3
1.4
10
100
1000
6900 F01
1.1
1.0
0.9
V+ = 5V
V+ = 3V
DESIRED OUTPUT FREQUENCY (Hz)
10
100
1k
100k
1M
10M
6900 F02
1
10k
10000
1000
100M
÷100
÷10
÷1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com