Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6900 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6900
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 4 Page - Linear Technology

  LTC6900 Datasheet HTML 1Page - Linear Technology LTC6900 Datasheet HTML 2Page - Linear Technology LTC6900 Datasheet HTML 3Page - Linear Technology LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC6900
4
6900fa
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
vs Output Frequency
Output Resistance
vs Supply Voltage
LTC6900 Output Operating at
20MHz, VS = 5V
LTC6900 Output Operating at
10MHz, VS = 3V
Frequency Variation vs RSET
Frequency Variation Over
Temperature
Peak-to-Peak Jitter
vs Output Frequency
RSET (Ω)
1k
4
3
2
1
0
–1
–2
–3
–4
10k
100k
1M
6900 G01
TYPICAL LOW
TYPICAL HIGH
TA = 25°C
GUARANTEED LIMITS APPLY OVER
20kΩ ≤ RSET ≤ 400kΩ
TEMPERATURE (°C)
–40
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
6900 G02
–20
0
20
40
60
80
TYPICAL
LOW
RSET = 63.4k
÷1 OR ÷10 OR ÷100
TYPICAL
HIGH
OUTPUT FREQUENCY (Hz)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
6900 G03
1k
100k
1M
10k
10M
÷1, VA = 3V
÷1, VA = 5V
÷10
÷100
SUPPLY VOLTAGE (V)
2.5
3.0
40
80
140
3.5
4.5
5.0
6900 G05
60
120
100
4.0
5.5
6.0
OUTPUT SINKING CURRENT
OUTPUT SOURCING CURRENT
TA = 25°C
12.5ns/DIV
0V
6900 G06
1V/DIV
V+ = 5V, RSET = 10k, CL = 10pF
25ns/DIV
0V
6900 G07
1V/DIV
V+ = 3V, RSET = 20k, CL = 10pF
OUTPUT FREQUENCY (Hz)
2.0
1.5
1.0
0.5
0
6900 G04
÷100, 3V
÷10, 3V
÷1, 3V
÷100, 5V
÷10, 5V
÷1, 5V
TA = 25°C
CL = 5pF
0
1k
10k
100k
1M
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com