Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4377 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4377
Description  This document focuses on a product evaluation board for a simple
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4377 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4377 Datasheet HTML 5Page - STMicroelectronics AN4377 Datasheet HTML 6Page - STMicroelectronics AN4377 Datasheet HTML 7Page - STMicroelectronics AN4377 Datasheet HTML 8Page - STMicroelectronics AN4377 Datasheet HTML 9Page - STMicroelectronics AN4377 Datasheet HTML 10Page - STMicroelectronics AN4377 Datasheet HTML 11Page - STMicroelectronics AN4377 Datasheet HTML 12Page - STMicroelectronics AN4377 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DocID025410 Rev 1
9/29
AN4377
Electrical diagram and bill of material for 5 V at 2 A
29
97
TP4
Test point
Black
TH-5013
KEYSTONE
98
TP6
Test point
Red
TH-5013
KEYSTONE
99
TP7
Test point
Black
TH-5013
KEYSTONE
100
TP8
Test point
Red
TH-5013
KEYSTONE
101
TP9
Test point
Black
TH-5013
KEYSTONE
102 TP10
Test point
Red
TH-5013
KEYSTONE
103 TP11
Test point
Red
TH-5013
KEYSTONE
104 TP12
Test point
Black
TH-5013
KEYSTONE
105 TP13
Test point
Red
TH-5013
KEYSTONE
106 TP14
Test point
Red
TH-5013
KEYSTONE
107 TP16
Test point
Red
TH-5013
KEYSTONE
108 TP17
Test point
Red
TH-5013
KEYSTONE
109 TP19
Test point
Black
TH-5013
KEYSTONE
110
T1
Data transfo.
H2019NL /
TLA-6T127LF
Pulse-H2019
Pulse
111
T3
Power transfo.
POE13P-50L
POE13P
Coilcraft
112
U1
Controller IC
PM8800A
HTSSOP16
STMicroelectronics
113
U2
Optocoupler
FOD817A
FOD817
FAIRCHILD
114
U5
Voltage reference
TS431AILT
SOT23-5L
STMicroelectronics
Table 3. Bill of material 5 V at 2 A (continued)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com