Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4377 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4377
Description  This document focuses on a product evaluation board for a simple
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4377 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4377 Datasheet HTML 20Page - STMicroelectronics AN4377 Datasheet HTML 21Page - STMicroelectronics AN4377 Datasheet HTML 22Page - STMicroelectronics AN4377 Datasheet HTML 23Page - STMicroelectronics AN4377 Datasheet HTML 24Page - STMicroelectronics AN4377 Datasheet HTML 25Page - STMicroelectronics AN4377 Datasheet HTML 26Page - STMicroelectronics AN4377 Datasheet HTML 27Page - STMicroelectronics AN4377 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Support material
AN4377
24/29
DocID025410 Rev 1
127
R22
Resistor
NM
R0603
Several
128
R23
Resistor
0
R0805
Several
129
R24
Resistor
75
R0805
Several
130
R25
Resistor
56
R0805
Several
131
R26
Resistor
NM
R1206
Several
132
R27
Resistor
75
R0805
Several
133
R29
Resistor
75
R0805
Several
134
R30
Resistor
100
- NM
R1206
Several
135
R31
Resistor
75
R0805
Several
136
R32
Resistor
10
R0603
Several
137
R33
Resistor
10 k
R0603
Several
138
R34
Sense resistor
0.33
- 1% - NM
R1206
Vishay -
RCWE1206R330FKE
139
R35
Sense resistor
0.33
- 1%
R1206
Vishay -
RCWE1206R330FKE
140
R36
Resistor
1 K
R0603
Several
141
R37
Resistor
0
R0603
Several
142
R38
Resistor
NM
R1206
Several
143
R40
Resistor
15
R1206
Several
144
R41
Resistor
NM
R1206
Several
145
R42
Resistor
NM
R1206
Several
146
R43
Resistor
0
R0805
Several
147
R44
Resistor
0
R1206
Several
148
R45
Resistor
47 K
 NM
R0603
Several
149
R46
Resistor
0
- NM
R1206
Several
150
R47
Resistor
0
- NM
R1206
Several
151
R48
Resistor
1 K
R0603
Several
152
R49
Resistor
NM
R0603
Several
153
R50
Resistor
10
R0603
Several
154
R51
Resistor
15 K
 - 1%
R0603
Several
155
R52
Resistor
47 K
- 1%
R0603
Several
156
R53
Resistor
10 K
- NM
R0603
Several
157
R54
Resistor
4.7 K
R0603
Several
158
R55
Resistor
20 K
- 1%
R0603
Several
159
R56
Resistor
12.4 K
- 1%
R0603
Several
Table 5. Bill of material (general) (continued)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com