Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4377 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4377
Description  This document focuses on a product evaluation board for a simple
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4377 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4377 Datasheet HTML 19Page - STMicroelectronics AN4377 Datasheet HTML 20Page - STMicroelectronics AN4377 Datasheet HTML 21Page - STMicroelectronics AN4377 Datasheet HTML 22Page - STMicroelectronics AN4377 Datasheet HTML 23Page - STMicroelectronics AN4377 Datasheet HTML 24Page - STMicroelectronics AN4377 Datasheet HTML 25Page - STMicroelectronics AN4377 Datasheet HTML 26Page - STMicroelectronics AN4377 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
DocID025410 Rev 1
23/29
AN4377
Support material
29
93
J6
Connector
MOR-10X10.5-P5-
2PIN
MOR-2POLI-508
Several
94
L1
Inductor
5.6
H
ME3220
Coilcraft
95
L2
Inductor
0.33
H - NM
DO1813H-331ML
Coilcraft
96
L3
Inductor
0.33
H - NM
LPS4012-331L
Coilcraft
97
L4
Inductor
0.33
H
DO1813H-331ML
Coilcraft
98
L5
Inductor
0.33
H - NM
LPS4012-331L
Coilcraft
99
Q1
MOSFET
STS4NF100
SO8
STMicroelectronics
100
Q2
MOSFET
FDN86246
SOT23
FAIRCHILD
101
Q3
Transistor
NM
SOT23
Several
102
Q4
MOSFET
NM
SOT23-6L
103
Q5
MOSFET
NM
Si4848
104
Q6
MOSFET
NM
DPAK
105
Q7
MOSFET
NM
SOT-223
106
R1
Resistor
15 K
R0805
Several
107
R2
Resistor
47 K
R0805
Several
108
R3
Resistor
47 K
R0805
Several
109
R4
Resistor
470 K
R0805
Several
110
R5
Resistor
15 K
R0805
Several
111
R6
Resistor
NM
R1206
Several
112
R7
Resistor
NM
R1206
Several
113
R8
Resistor
10 k
R0603
Several
114
R9
Resistor
NM
R0603
Several
115
R10
Resistor
10 k
R0603
Several
116
R11
Resistor
52.3
 - 1%
R0805
Several
117
R12
Resistor
NM
R0603
Several
118
R13
Resistor
22.1 K
- 1%
R0603
Several
119
R14
Resistor
10
R0603
Several
120
R15
Resistor
0
R0805
Several
121
R16
Resistor
0
R0805
Several
122
R17
Resistor
124 K
- 1%
R0603
Several
123
R18
Resistor
NM
R0603
Several
124
R19
Resistor
510
R0603
Several
125
R20
Resistor
4.7 K
R0603
Several
126
R21
Resistor
NM
R0603
Several
Table 5. Bill of material (general) (continued)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com