Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4377 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4377
Description  This document focuses on a product evaluation board for a simple
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4377 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4377 Datasheet HTML 9Page - STMicroelectronics AN4377 Datasheet HTML 10Page - STMicroelectronics AN4377 Datasheet HTML 11Page - STMicroelectronics AN4377 Datasheet HTML 12Page - STMicroelectronics AN4377 Datasheet HTML 13Page - STMicroelectronics AN4377 Datasheet HTML 14Page - STMicroelectronics AN4377 Datasheet HTML 15Page - STMicroelectronics AN4377 Datasheet HTML 16Page - STMicroelectronics AN4377 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DocID025410 Rev 1
13/29
AN4377
Measurement results
29
3.4
Primary side waveforms
Figure 13. Steady state 2 A
Figure 14. Steady state 1 A
CH1: primary MOSFET drain
CH2: primary MOSFET gate
CH3: output current
CH4: VCC
CH1: primary MOSFET drain
CH2: primary MOSFET gate
CH3: output current
CH4: VCC
Figure 15. Steady state 100 mA
Figure 16. Steady state no load
CH1: primary MOSFET drain
CH2: primary MOSFET gate
CH3: output current
CH4: VCC
CH1: primary MOSFET drain
CH2: primary MOSFET gate
CH3: output current
CH4: VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com