Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1063 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1063
Description  The PM8803 is a highly integrated device embedding
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1063 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1063 Datasheet HTML 7Page - STMicroelectronics UM1063 Datasheet HTML 8Page - STMicroelectronics UM1063 Datasheet HTML 9Page - STMicroelectronics UM1063 Datasheet HTML 10Page - STMicroelectronics UM1063 Datasheet HTML 11Page - STMicroelectronics UM1063 Datasheet HTML 12Page - STMicroelectronics UM1063 Datasheet HTML 13Page - STMicroelectronics UM1063 Datasheet HTML 14Page - STMicroelectronics UM1063 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DocID018573 Rev 2
11/32
UM1063
I/O connectors and test points
4
I/O connectors and test points
This section provides a description of input/output connectors (
Table 3), LED indicators and
commands (
Table 4), as well as the available test points (Table 5).
Table 3. Connectors
Connector
Label
Description
J3
Data and power
input
Power and Ethernet data input port
J4
Data output
Ethernet data output port
J2
SP
Wall adapter input. Use this input jack to connect auxiliary
source without priority in respect to PoE.
J1
SA
Wall adapter input. Use this input jack to connect auxiliary
source with priority in respect to PoE.
J5
-
Output voltage connector
JM1
-
Move the short on both jumpers at the same time:
short between pin 1 and 2 when SA auxiliary source is used
on J1 connector; short between pin 2 and 3 when SP
auxiliary source is used on J2 connector
JM2
-
Move the short on both jumpers at the same time:
short between pin 1 and 2 when SA auxiliary source is used
on J1 connector; short between pin 2 and 3 when SP
auxiliary source is used on J2 connector
Table 4. LEDs
LED
Label
Description
D20
AUX
ON when an auxiliary source is applied to the board; proper
selection of the auxiliary source connection is done with
jumpers JM1 and JM2
D44
L1_OK
ON when T2P is asserted. This is achieved when a 2-finger
event is detected. If, after a successful PoE+ layer-1
classification, an auxiliary voltage is connected, the T2P
signal is de-asserted and the L1_OK LED is turned off.
D26
GREEN LED
ON when output voltage is present.
Table 5. Test points
Test point
Color
Description
TP1
Red
Data transformer bias voltage
TP2
Red
Positive of auxiliary source AUX 1 on J2
TP3
Black
Ground of auxiliary source AUX 1 on J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com