Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1063 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1063
Description  The PM8803 is a highly integrated device embedding
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1063 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1063 Datasheet HTML 15Page - STMicroelectronics UM1063 Datasheet HTML 16Page - STMicroelectronics UM1063 Datasheet HTML 17Page - STMicroelectronics UM1063 Datasheet HTML 18Page - STMicroelectronics UM1063 Datasheet HTML 19Page - STMicroelectronics UM1063 Datasheet HTML 20Page - STMicroelectronics UM1063 Datasheet HTML 21Page - STMicroelectronics UM1063 Datasheet HTML 22Page - STMicroelectronics UM1063 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DocID018573 Rev 2
19/32
UM1063
Power-up sequence
6
Power-up sequence
It is recommended to apply power at PoE input first, slowly increasing the voltage to verify
the absence of abnormal input current levels.
From about 2 V to about 12 V input, the demonstration kit performs the detection signature.
At 10 V input the current drawn is about 400 µA.
In the range of 14 V to 23 V, the demonstration kit performs a class-4 classification, and the
current drawn is about 40 mA.
After those two steps are verified, the voltage can be increased to 48 V typical. The PoE
converter starts operations at about 36 V input.
Three green LEDs indicate proper operation of the PoE and DC-DC section of the PM8803
demonstration kit:
•
D44 is the T2P LED and is ON when the PM8803 has successfully recognized a type 2
PSE or a 802.3at compliant injector; using a bench power supply to power up the
PM8803 demonstration board, this LED is OFF.
•
D26 indicates the presence of the output voltage.
•
D20 is the AUX LED and indicates the presence of an auxiliary voltage applied to the
converter; proper selection of the auxiliary voltage is done with jumper JM1 and JM2:
put a short between pin 1 and 2 when SA auxiliary source on J1 connector is used; put
the short between pin 2 and 3 when SP auxiliary source on J2 connector is used.
Note:
Set the R73 trimmer at a value around 10 k
Ω
Adjust this value for best converter performances in terms of efficiency over its actual load
range.
Note:
In the case of SA external auxiliary source tests, it is strongly recommended to change the
position of the 100 nF, 100 V from C18, at the input filter, where it is soldered to C60, across
the internal hot-swap MOSFET. This change of position, that has no impact on the standard
compliance, permits an optimal behavior of the PM8803 device during the change of ground
reference consequent to the power jack insertion/removal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com