Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1063 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1063
Description  The PM8803 is a highly integrated device embedding
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1063 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1063 Datasheet HTML 1Page - STMicroelectronics UM1063 Datasheet HTML 2Page - STMicroelectronics UM1063 Datasheet HTML 3Page - STMicroelectronics UM1063 Datasheet HTML 4Page - STMicroelectronics UM1063 Datasheet HTML 5Page - STMicroelectronics UM1063 Datasheet HTML 6Page - STMicroelectronics UM1063 Datasheet HTML 7Page - STMicroelectronics UM1063 Datasheet HTML 8Page - STMicroelectronics UM1063 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
DocID018573 Rev 2
5/32
UM1063
Electrical specifications
1
Electrical specifications
Table 1. Specifications for 3.3 V output
Parameter
Description
Min.
Typ.
Max.
Unit
Input voltage range
Applied at J3 connector
0
57
V
Operative input voltage
42
57
V
UVLO
Vin rising edge
36
V
Vin falling edge
30
V
Auxiliary input voltage range
35
60
V
Output voltage (Vout)
Vin= 42 V to 57 V, Iout 0 to Imax
3.25
3.35
3.45
V
Output current (Iout)
Vin= 42 V to 57 V
0
6
A
Peak-to-peak output ripple
48 Vin, Iout=Imax
20
30
mVpp
Inrush current limit
140
mA
DC current limit
640
mA
3.3 V efficiency DC-DC only
Vin=48 V, Iout=Imax
90
%
3.3 V overall efficiency
Vin=48 V, Iout=Imax
87
%
Switching frequency
200
kHz
Table 2. Specifications for 5 V output
Parameter
Description
Min.
Typ.
Max.
Unit
Input voltage range
Applied at J3 connector
0
57
V
Operative input voltage
42
57
V
UVLO
Vin rising edge
36
V
Vin falling edge
30
V
Auxiliary input voltage range
35
60
V
Output voltage (Vout)
Vin= 42 V to 57 V, Iout 0 to Imax
4.95
5.1
5.25
V
Output current (Iout)
Vin= 42 V to 57 V
0
4
A
Peak-to-peak output ripple
48Vin, Iout=Imax
20
30
mVpp
Inrush current limit
140
mA
DC current limit
640
mA
5 V efficiency DC-DC only
Vin=48 V, Iout=Imax
92
%
5 V overall efficiency
Vin=48 V, Iout=Imax
89
%
Switching frequency
200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com