Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1063 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1063
Description  The PM8803 is a highly integrated device embedding
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1063 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1063 Datasheet HTML 24Page - STMicroelectronics UM1063 Datasheet HTML 25Page - STMicroelectronics UM1063 Datasheet HTML 26Page - STMicroelectronics UM1063 Datasheet HTML 27Page - STMicroelectronics UM1063 Datasheet HTML 28Page - STMicroelectronics UM1063 Datasheet HTML 29Page - STMicroelectronics UM1063 Datasheet HTML 30Page - STMicroelectronics UM1063 Datasheet HTML 31Page - STMicroelectronics UM1063 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Test results
UM1063
28/32
DocID018573 Rev 2
7.3.5
Line transient
Figure 24 depicts the effect of a line transient on the PoE converter. A 12 V step on a 42 V
input PoE line (green trace) is shown. The hot-swap MOSFET (yellow trace) withstands the
transient while the input current (pink trace) is limited during the input capacitor charge; the
converter continues to work and the output voltage (blue trace) remains in regulation.
Figure 24. Effect of a 12 V line transient on the converter at 4 A load
Figure 25. Effect of a 12 V line transient on the converter at 0 A load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com