Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1253 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1253
Description  Low Cost Dual and Quad Video Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1253 Datasheet(HTML) 1 Page - Linear Technology

  LT1253_15 Datasheet HTML 1Page - Linear Technology LT1253_15 Datasheet HTML 2Page - Linear Technology LT1253_15 Datasheet HTML 3Page - Linear Technology LT1253_15 Datasheet HTML 4Page - Linear Technology LT1253_15 Datasheet HTML 5Page - Linear Technology LT1253_15 Datasheet HTML 6Page - Linear Technology LT1253_15 Datasheet HTML 7Page - Linear Technology LT1253_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1253/LT1254
1
Low Cost Dual and Quad
Video Amplifiers
The LT1253 is a low cost dual current feedback amplifier
for video applications. The LT1254 is a quad version of the
LT1253. The amplifiers are completely isolated except for
the power supply pins and therefore have excellent isola-
tion, over 94dB at 5MHz. Dual and quad amplifiers signifi-
cantly reduce costs compared with singles; the number of
insertions is reduced and fewer supply bypass capacitors
are required. In addition, these duals and quads cost less
per amplifier than single video amplifiers.
The LT1253/LT1254 amplifiers are ideal for driving low
impedance loads such as cables and filters. The wide
bandwidth and high slew rate of these amplifiers make
driving RGB signals between PCs and workstations easy.
The excellent linearity of these amplifiers makes them
ideal for composite video.
The LT1253 is available in 8-pin DIPs and the S8 surface
mount package. The LT1254 is available in 14-pin DIPs
and the S14 surface mount package. Both parts have the
industry standard dual and quad op amp pin out. For
higher performance, see the LT1229/LT1230.
s
Low Cost
s
Current Feedback Amplifiers
s
Differential Gain: 0.03%, RL = 150Ω, VS = ±5V
s
Differential Phase: 0.28
°, RL = 150Ω, VS = ±5V
s
Flat to 30MHz, 0.1dB
s
90MHz Bandwidth on
±5V
s
Wide Supply Range:
±2V(4V) to ±14V(28V)
s
Low Power: 60mW per Amplifier at
±5V
S
FEATURE
DESCRIPTIO
s
RGB Cable Drivers
s
Composite Video Cable Drivers
s
Gain Blocks in IF Stages
S
APPLICATI
APPLICATI
TYPICAL
Transient Response
VS = ±5V
AV = 2
RL = 150Ω
VO = 1V
LT1253/54 • TA02
VIN
VOUT
RG
620
Ω
RF
620
Ω
75
Ω
75
Ω
CABLE
75
Ω
+
–
1/2 LT1253
LT1253/54 • TA01
AV = 1 +
RF
RG
AT AMPLIFIER OUTPUT.
6dB LESS AT VOUT.
BW = 90MHz
5V
–5V


Similar Part No. - LT1253_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1253C LINER-LT1253C Datasheet
246Kb / 8P
Low Cost Dual and Quad Video Amplifiers
LT1253CN8 LINER-LT1253CN8 Datasheet
246Kb / 8P
Low Cost Dual and Quad Video Amplifiers
LT1253CS8 LINER-LT1253CS8 Datasheet
246Kb / 8P
Low Cost Dual and Quad Video Amplifiers
More results

Similar Description - LT1253_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8072 AD-AD8072 Datasheet
167Kb / 11P
Low Cost, Dual/Triple Video Amplifiers
REV.A
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
Low Cost, Dual, Triple and Quad Video Op Amps
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
Low Cost Dual and Quad Video Amplifiers
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
Low Cost, Dual, Triple and Quad Video Op Amps
August 6, 2001
logo
Analog Devices
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JRZ AD-AD8073JRZ Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com