Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1253 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1253
Description  Low Cost Dual and Quad Video Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1253 Datasheet(HTML) 5 Page - Linear Technology

  LT1253_15 Datasheet HTML 1Page - Linear Technology LT1253_15 Datasheet HTML 2Page - Linear Technology LT1253_15 Datasheet HTML 3Page - Linear Technology LT1253_15 Datasheet HTML 4Page - Linear Technology LT1253_15 Datasheet HTML 5Page - Linear Technology LT1253_15 Datasheet HTML 6Page - Linear Technology LT1253_15 Datasheet HTML 7Page - Linear Technology LT1253_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT1253/LT1254
5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
±12V Frequency Response
±5V Frequency Response
±12V Frequency Response
±5V Frequency Response
FREQUENCY (Hz)
1M
6
7
8
9
10M
100M
1G
LT1253/54 • TPC12
5
4
3
2
VS = ±12V
AV = 2
RL = 150Ω
RF = 715Ω
RG = 715Ω
–120
–100
–80
–60
–40
–140
–160
–180
–20
0
PHASE
GAIN
10
11
12
–200
FREQUENCY (Hz)
1M
6
7
8
9
10M
100M
1G
LT1253/54 • TPC13
5
4
3
2
VS = ±5V
AV = 2
RL = 150Ω
RF = 620Ω
RG = 620Ω
–120
–100
–80
–60
–40
–140
–160
–180
–20
0
PHASE
GAIN
10
11
12
–200
FREQUENCY (Hz)
1M
20
21
22
23
10M
100M
1G
LT1253/54 • TPC14
19
18
17
16
VS = ±12V
AV = 10
RL = 150Ω
RF = 620Ω
RG = 68.1Ω
–120
–100
–80
–60
–40
–140
–160
–180
–20
0
PHASE
GAIN
24
25
26
–200
FREQUENCY (Hz)
1M
20
21
22
23
10M
100M
1G
LT1253/54 • TPC15
19
18
17
16
VS = ±5V
AV = 10
RL = 150Ω
RF = 562Ω
RG = 61.9Ω
–120
–100
–80
–60
–40
–140
–160
–180
–20
0
PHASE
GAIN
24
25
26
–200
±12V Frequency Response
±5V Frequency Response
FREQUENCY (Hz)
1M
–1
0
1
2
3
10M
100M
1G
LT1253/54 • TPC11
–2
–3
–4
–5
4
VS = ±5V
AV = 1
RL = 150Ω
RF = 787Ω
–120
–100
–80
–60
–40
–140
–160
–180
–20
0
PHASE
GAIN
5
–200
FREQUENCY (Hz)
1M
–1
0
1
2
3
10M
100M
1G
LT1253/54 • TPC10
–2
–3
–4
–5
4
VS = ±12V
AV = 1
RL = 150Ω
RF = 1k
–120
–100
–80
–60
–40
–140
–160
–180
–20
0
PHASE
GAIN
–200
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com