Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1253 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1253
Description  Low Cost Dual and Quad Video Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1253 Datasheet(HTML) 6 Page - Linear Technology

  LT1253_15 Datasheet HTML 1Page - Linear Technology LT1253_15 Datasheet HTML 2Page - Linear Technology LT1253_15 Datasheet HTML 3Page - Linear Technology LT1253_15 Datasheet HTML 4Page - Linear Technology LT1253_15 Datasheet HTML 5Page - Linear Technology LT1253_15 Datasheet HTML 6Page - Linear Technology LT1253_15 Datasheet HTML 7Page - Linear Technology LT1253_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1253/LT1254
Transient Response
LT1253/54 • TPC16
Transient Response
VS = ±5V
AV = 1
RL = 150Ω
LT1253/54 • TPC17
RF = 562Ω
RG = 61.9Ω
VO = 1.5V
VS = ±5V
AV = 10
RL = 150Ω
RF = 787Ω
VO = 1V
Power Dissipation
The LT1253/LT1254 amplifiers combine high speed and
large output current drive into very small packages. Be-
cause these amplifiers work over a very wide supply range,
it is possible to exceed the maximum junction temperature
under certain conditions. To insure that the LT1253/
LT1254 are used properly, we must calculate the worst
case power dissipation, define the maximum ambient
temperature, select the appropriate package and then
calculate the maximum junction temperature.
The worst case amplifier power dissipation is the total of
the quiescent current times the total power supply voltage
plus the power in the IC due to the load. The quiescent
supply current of the LT1253/LT1254 has a strong nega-
tive temperature coefficient. The supply current of each
amplifier at 150
°C is less than 7mA and typically is only
4.5mA. The power in the IC due to the load is a function of
the output voltage, the supply voltage and load resistance.
The worst case occurs when the output voltage is at half
supply, if it can go that far, or its maximum value if it
cannot reach half supply.
For example, let’s calculate the worst case power dissipa-
tion in a video cable driver operating on a
±12V supply that
delivers a maximum of 2V into 150
Ω.
PDMAX = 2 × VS × ISMAX + (VS – VOMAX) × VOMAX/RL
PDMAX = 2 × 12V × 7mA + (12V – 2V) × 2V/150
= 0.168 + 0.133 = 0.301 Watt per Amp
Now if that is the dual LT1253, the total power in the
package is twice that, or 0.602W. We now must calculate
how much the die temperature will rise above the ambient.
The total power dissipation times the thermal resistance of
the package gives the amount of temperature rise. For the
above example, if we use the S8 surface mount package,
the thermal resistance is 150
°C/W junction to ambient in
still air.
Temperature Rise = PDMAX × RθJA = 0.602W
× 150°C/W = 90.3°C
The maximum junction temperature allowed in the plastic
package is 150
°C. Therefore the maximum ambient al-
lowed is the maximum junction temperature less the
temperature rise.
Maximum Ambient = 150
°C – 90.3°C = 59.7°C
Note that this is less than the maximum of 70
°C that is
specified in the absolute maximum data listing. In order to
use this package at the maximum ambient we must lower
the supply voltage or reduce the output swing.
APPLICATIO S I FOR ATIO
CC
HARA TERISTICS
A
TYPICALPERFOR
CE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com