Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1253 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1253
Description  Low Cost Dual and Quad Video Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1253 Datasheet(HTML) 4 Page - Linear Technology

  LT1253_15 Datasheet HTML 1Page - Linear Technology LT1253_15 Datasheet HTML 2Page - Linear Technology LT1253_15 Datasheet HTML 3Page - Linear Technology LT1253_15 Datasheet HTML 4Page - Linear Technology LT1253_15 Datasheet HTML 5Page - Linear Technology LT1253_15 Datasheet HTML 6Page - Linear Technology LT1253_15 Datasheet HTML 7Page - Linear Technology LT1253_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1253/LT1254
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (±V)
12
LT1253/54 • TPC01
4
08
16
0
10
5
1
2
3
4
6
7
8
9
2
6
10
14
18
–55°C
25°C
125°C
175°C
Output Saturation Voltage
vs Temperature
TEMPERATURE (°C)
V+
–50
25
75
125
LT1253/54 • TPC02
V–
0
1.0
–1.0
–0.5
0.5
–25
50
100
RL = ∞
±2V
≤ V
S ≤ ±12V
Input Common-Mode Limit
vs Temperature
TEMPERATURE (°C)
2.0
V+
– 50
25
75
125
LT1253/54 • TPC03
V–
0
1.0
–1.0
–2.0
– 0.5
–1.5
1.5
0.5
–25
50
100
V+ = 2V TO 12V
V – = –2V TO –12V
SETTLING TIME (ns)
60
LT1253/54 • TPC04
20
0
40
80
100
–10
10
0
–8
–6
–4
–2
2
4
6
8
NONINVERTING
INVERTING
VS = ±12V
RF = RG = 1k
INVERTING
NONINVERTING
Settling Time to 10mV
vs Output Step
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (MHz)
1
–70
–60
–50
–40
–30
–20
10
100
LT1253/54 • TPC05
VS = ±12V
VO = 2VP-P
RL = 100Ω
RF = 750Ω
AV = 10dB
2ND
3RD
Power Supply Rejection
vs Frequency
FREQUENCY (Hz)
40
80
10k
1M
10M
100M
LT1253/54 • TPC06
0
100k
VS = ±12V
RL = 100Ω
RF = RG = 750Ω
NEGATIVE
20
60
POSITIVE
Spot Noise Voltage and Current
vs Frequency
FREQUENCY (Hz)
10
1
10
100
1k
100k
LT1253/54 • TPC07
100
10k
–in
en
+in
Output Impedance
vs Frequency
FREQUENCY (Hz)
0.1
100
10k
1M
10M
100M
LT1253/54 • TPC08
0.001
100k
0.01
10
VS = ±12V
1.0
RF = RG = 2k
RF = RG = 750Ω
Output Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
–25
40
60
100
150
LT1253/54 • TPC09
0
–50
25
50
75
125
175
30
70
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com