Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2064 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2064
Description  Compliance of series/parallel protections for Telecom CO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2064 Datasheet HTML 5Page - STMicroelectronics AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics AN2064 Datasheet HTML 10Page - STMicroelectronics AN2064 Datasheet HTML 11Page - STMicroelectronics AN2064 Datasheet HTML 12Page - STMicroelectronics AN2064 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN2064 - APPLICATION NOTE
9/14
Figure 8 shows the time current curves of the TCP fuse series. This figure is used to verify use of the
TCP1.25A with the SMP100MC-270. For the second level, the fuse has to blow before the TRISIL is dam-
aged, so to verify this point we must compare the ITSM points of the SMP100MC with the time current
points of the TCP1.25A. Please note that the ITSM points are given in peak values while the TCP curve is
given in rms values.
The comparison of TCP1.25A and SMP100MC datasheet values shows that this solution is convenient for
this application. The next section will refer to test performed on such a module.
Duration
.01s
.1s
1s
10s
100s
TCP1.25A
42A
14.5A
5.5A
3.2A
2.3A(RMS)
SMP100MC
43.1A
17A
9A
4.5A
3A(RMS)
Figure 8: TCP1.25A time current curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com