Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2064 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2064
Description  Compliance of series/parallel protections for Telecom CO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics AN2064 Datasheet HTML 10Page - STMicroelectronics AN2064 Datasheet HTML 11Page - STMicroelectronics AN2064 Datasheet HTML 12Page - STMicroelectronics AN2064 Datasheet HTML 13Page - STMicroelectronics AN2064 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN2064 - APPLICATION NOTE
11/14
Figure 11 shows the measurement circuit used for this test series. During lightning and mains contact
tests, the surge current (I surge) injected in Tip L or Ring L (transversal tests) or both Tip L and Ring L
(longitudinal tests) has been measured. The remaining voltages at Tip S or Ring S have been also
measured (V).
The curves of the figures 12, 13 and 14 show the results, respectively, of :
- a case of lightning test
- a case of first level AC power fault test
- a case of second level AC power fault test.
These curves show no impact of both fuses and TRISIL during first level tests while the fuses open safely
during certain second level tests.
Figure 11: Measurement circuit
Figure 12: Module behavior during 2/10µs 500A surge test
Surge
Generator
I surge
Line side
V
Protected device side
Oscilloscope
Current probe
Voltage probe
DUT
Surge
Generator
I surge
Line side
V
Protected device side
Oscilloscope
Current probe
Voltage probe
DUT
I surge (100A/div)
V (50V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com