Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2064 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2064
Description  Compliance of series/parallel protections for Telecom CO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics AN2064 Datasheet HTML 10Page - STMicroelectronics AN2064 Datasheet HTML 11Page - STMicroelectronics AN2064 Datasheet HTML 12Page - STMicroelectronics AN2064 Datasheet HTML 13Page - STMicroelectronics AN2064 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AN2064 - APPLICATION NOTE
12/14
Today and for several years to come, wireline networks remain an efficient and cost effective mean to ex-
change data around the world. The length of these copper lines require system designers to focus on line
interface protection. These protection stages must be in accordance with the standards where equipment
operates. This document has given the philosophy of such a protection and proposes practical results of
tests.
The modules tested were dedicated to US market for CO equipments and were equipped with two
TCP1.25A fuses from Cooper Bussmann and two SMP100MC-270 TRISIL from STMicroelectronics.
Same results have been found with two SMP100LC-270 and two TCP1.25A. The results of these
experiments proved the compliance of this solution with Telcordia (Bellcore) GR1089 standard. The same
approach can be used to protect other kinds of modules (i,e terminal) or CO modules for other countries.
Figure 13: Module behavior during 600V 3A 1.1s surge test
Figure 14: Module behavior during 600V 60A 5s surge test
I surge (2A/div)
V (100V/div)
I surge (50A/div)
V (100V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com