Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2064 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2064
Description  Compliance of series/parallel protections for Telecom CO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2064 Datasheet HTML 1Page - STMicroelectronics AN2064 Datasheet HTML 2Page - STMicroelectronics AN2064 Datasheet HTML 3Page - STMicroelectronics AN2064 Datasheet HTML 4Page - STMicroelectronics AN2064 Datasheet HTML 5Page - STMicroelectronics AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN2064 - APPLICATION NOTE
5/14
Table 2: Telcordia GR1089 AC power fault test
Using series overcurrent protection, two technologies are available, PTCs and fuses.
PTCs are resistive elements that dissipate power when subjected to current, increasing their temperature
and making their resistance quickly increase (10
Ω @ 25°C and 100kΩ @ 150°C for example). The nice
feature of the PTCs is that they are resettable but they have two main drawbacks. The first drawback is
its resistance and, as already mentioned, some applications like digital networks do not allow resistive el-
ements. The second drawback is linked to its tolerance, which makes it difficult to achieve line equilibrium
(longitudinal balancing).
Fuses do not have these resistive drawbacks, making them well suited for digital applications.
From the previous discussion we can conclude that the fuse must withstand first level surges for US (or A
criterion for Europe) but may operate for second level surge (or B criterion). As far as the US market is
concerned the fuse has to remain operational for the 10/1000µs 1kV 100A and the 2/10µs 2.5kV 500A
lightning surges. It must also withstand first level AC power faults while it must operate for 277VRMS 25A
and 600VRMS 60A second level AC power faults.
First Level AC Power Fault Test
Test
Applied Voltage, 60Hz
Short Circuit Current
Duration
1
50VRMS
0.33A
15 minutes
2
100VRMS
0.17A
15 minutes
3
200VRMS, 400VRMS, 600VRMS
1A at 600V
60 Applications, 1 second each
4 (*)
1000VRMS
1A
60 Applications, 1 second each
5
NA
NA
60 Applications, 5 second each
6
600VRMS
0.5A
30 seconds each
7
440VRMS
2.2A
5 x 2 seconds each
8
600VRMS
3A
5 x 1.1 second each
9 (*)
1000VRMS
5A
0.5 second each
Second Level AC Power Fault Test
1
120VRMS, 277VRMS
25A
15 minutes
2
600VRMS
60A
5 seconds
3
600VRMS
7A
5 seconds
4
100VRMS-600VRMS
2.2A at 600V
15 minutes
(*) Primary protector in place (MDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com