Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2385 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2385
Description  Power dissipation and its linear derating factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2385 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2385 Datasheet HTML 3Page - STMicroelectronics AN2385 Datasheet HTML 4Page - STMicroelectronics AN2385 Datasheet HTML 5Page - STMicroelectronics AN2385 Datasheet HTML 6Page - STMicroelectronics AN2385 Datasheet HTML 7Page - STMicroelectronics AN2385 Datasheet HTML 8Page - STMicroelectronics AN2385 Datasheet HTML 9Page - STMicroelectronics AN2385 Datasheet HTML 10Page - STMicroelectronics AN2385 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN2385
Silicon limited drain current
7/14
2
Silicon limited drain current
Usually, in every Power MOSFET datasheet the drain current limit is fixed by the package
limit. It depends on the kind, number and the size of the wires that connect the drain and the
source pads to the respective package pins. However, another important parameter defined
in the Power MOSFET datasheets is the Silicon Limited Drain Current. The Silicon Limited
Drain Current is the maximum drain current that can flow in the device excluding the
package limitation and considering as thermal impedance the junction to case thermal
resistance value (RTHJC). Furthermore, the Silicon Limited Drain Current is typically
calculated considering the device in "on state" with a case temperature equal to 25°C and
supposing that it works at the maximum junction temperature. Considering this last
operating condition, RDSON must be considered at the maximum junction temperature. It is
around two times higher at the ambient temperature (25°C). In thermal equilibrium
conditions, the following expression can be written as shown below:
Equation 1
PMAX is the maximum power that the device can dissipate at the maximum junction
temperature. PMAX can be written as:
Equation 2
IDSL is the Silicon Limited Drain Current. IDSL can be written as:
Equation 3
Sometimes, in the Power MOSFET datasheets, the Silicon Limited Drain Current is shown
at different case temperature conditions. In this case, the expression of IDSL becomes:
Equation 4
The Limited Drain Current versus case temperature is also shown in the Figure 4. This is
considering an example where the junction to case thermal resistance equals 0.5°C/W, the
maximum junction temperature is 175°C and the RDSON(TJMAX) equals 16mOhm. In the
graph, the Package limited Drain Current is also highlighted (75A).
T
JMAX
25
° CR
THJC
P
MAX
=
P
MAX
R
DSON T
JMAX
()
I
2
DSL
=
I
DSL
T
JMAX
25
° C
R
DSON T
JMAX
()
R
THJC
-----------------------------------------------------------
=
I
DSL T
()
T
JMAX
T
R
DSON T
JMAX
()
R
THJC
-----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com