Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2385 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2385
Description  Power dissipation and its linear derating factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2385 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2385 Datasheet HTML 6Page - STMicroelectronics AN2385 Datasheet HTML 7Page - STMicroelectronics AN2385 Datasheet HTML 8Page - STMicroelectronics AN2385 Datasheet HTML 9Page - STMicroelectronics AN2385 Datasheet HTML 10Page - STMicroelectronics AN2385 Datasheet HTML 11Page - STMicroelectronics AN2385 Datasheet HTML 12Page - STMicroelectronics AN2385 Datasheet HTML 13Page - STMicroelectronics AN2385 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN2385
Pulsed drain current (IDM)
11/14
where RDSON(175°C@IDM) is the on resistance of the device at the guaranteed maximum
junction temperature and at the Pulsed Drain Current value, and that:
Equation 8
where ZTHJC is the junction to case thermal impedance at the specific operation conditions,
the maximum acceptable ZTHJC value can be achieved as:
Equation 9
Thus, considering a specific Power Pulse with a fixed duty cycle, the maximum Rectangular
Pulse Duration can be achieved.
As example, Figure 8. shows the determination of the maximum Rectangular Pulse Duration
considering a Pulsed Drain Current equal to 600A, TJMAX of 175°C, case temperature of
25°C, duty cycle of 0.02 and RDSON(175°C, IDM) equal to 20mOhm. ZTHJC can be calculated
as:
Equation 10
Figure 8.
Determination of the maximum rectangular pulse duration
In this example, the maximum Rectangular Pulse Duration equals 30usec. For power pulse
of higher duration the junction temperature overcomes 175°C and the device could fail.
It is important to highlight that the measured on resistance must be performed at the
maximum junction temperature and also at the specific Pulsed Drain Current. In fact,
increasing the drain current also RDSON increases and thus, of course, this effect must be
taken into account.
P
D
Z
THJC
•
TT
JMAX
25
° C
–
=
∆
=
Z
THJC
T
JMAX
25
° C
–
R
DSON175
° CI
DM
2
,
()
------------------------------------------------
=
Z
THJC
175
° C25° C
–
20
10
3
–
600
•
2
•
-----------------------------------------------
0.021
° C
W
-------
•
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com