Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2385 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2385
Description  Power dissipation and its linear derating factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2385 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2385 Datasheet HTML 5Page - STMicroelectronics AN2385 Datasheet HTML 6Page - STMicroelectronics AN2385 Datasheet HTML 7Page - STMicroelectronics AN2385 Datasheet HTML 8Page - STMicroelectronics AN2385 Datasheet HTML 9Page - STMicroelectronics AN2385 Datasheet HTML 10Page - STMicroelectronics AN2385 Datasheet HTML 11Page - STMicroelectronics AN2385 Datasheet HTML 12Page - STMicroelectronics AN2385 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN2385
Determination of the power dissipation and its derating factor
9/14
3
Determination of the power dissipation and its
derating factor
The Power Dissipation value is the maximum power that the device can dissipate in
continuous operating mode when the device works in "on state" and the thermal impedance
is only due to RTHJC. The power dissipation depends on the case temperature. Typically, in
Power MOSFET datasheets, it is reported at ambient temperature (25°C). In order to
calculate the power dissipation value the consider RDSON value must be considered at the
maximum junction temperature. It is possible to demonstrate that such value is around two
times the values of RDSON at ambient temperature considering the data measured. Power
Dissipation can be written as:
Equation 5
Furthermore, PD can be established for any other fixed operation case temperature
considering that the guaranteed maximum junction temperature is 150°C or 175°C (see
Figure 5.).
Figure 5.
Power dissipation vs T
The Linear Derating Factor of Power Dissipation factor is defined as the angular coefficient
of the line shown in Figure 5. It can be calculated as:
Equation 6
P
D
T25
° C
=
()
R
DSON T
JMAX I
DSL
()
()
I
DSL
2
T
JMAX
25
° C
R
THJC
---------------------------------
=
=
∂P
D
∂T
----------
P
D
T25
° C
=
()
T
JMAX
25
° C
---------------------------------
1
R
THLJC
--------------------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com