Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2385 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2385
Description  Power dissipation and its linear derating factor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2385 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2385 Datasheet HTML 1Page - STMicroelectronics AN2385 Datasheet HTML 2Page - STMicroelectronics AN2385 Datasheet HTML 3Page - STMicroelectronics AN2385 Datasheet HTML 4Page - STMicroelectronics AN2385 Datasheet HTML 5Page - STMicroelectronics AN2385 Datasheet HTML 6Page - STMicroelectronics AN2385 Datasheet HTML 7Page - STMicroelectronics AN2385 Datasheet HTML 8Page - STMicroelectronics AN2385 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN2385
Determination of the SOA limits
5/14
1
Determination of the SOA limits
SOA is the acronym of Safe Operating Area. It includes all the ID-VDS operating points
inside where the device works in safety conditions. There are two kinds of SOA. The first
one is named Forward Biased Safe Operating Area (FBSOA), while the second one is
named Reverse Biased Safe Operating Area (RBSOA). FBSOA is the SOA during the
device on state, while RBSOA is the SOA when the MOSFET switches off. Supposing that
the ID and VDS axis are in log scale, a typical FBSOA can be depicted as in Figure 1.
Figure 1.
Typical FBSOA of a Power MOSFET
IDmax is the maximum drain current limit of the MOSFET. It is usually fixed by the wires that
connect the drain and source pads to the package pins respectively. BVdss is the maximum
drain-source voltage that the device can sustain (breakdown voltage). Pmax(t) is the
maximum power that the device can dissipate. It depends on the junction temperature and
power pulse interval time and on the package used. In fact, if the junction temperature
overcomes typically 150'C or 175'C, as defined in the automotive devices, the MOSFET
could fail or, however, the device works out of the guaranteed temperature spec.
Furthermore, increasing the case temperature, the Pmax(t) value decreases due to a lower
energy, which is necessary to bring the junction temperature to the maximum guaranteed
value. Pmax is also a function of the power pulse interval time because, fixing the power
pulse, the energy dissipated in the MOSFET, as well as the junction temperature rises,
increasing the power interval time. In particular, when the power pulse interval time
increases, Pmax(t) decreases and the SOA area decreases too.
Another limit for FBSOA is established by RDSON of the device. In fact, when the device is in
on state without loads connected to the component, all the voltage feed is applied on the
drain-source terminals and, thus, the maximum drain current that can flow in the transistor is
fixed by VDD and RDSON (Figure 2.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com