Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3161 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3161
Description  Using the STGW35HF60WD advanced PT IGBT in parallel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3161 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3161 Datasheet HTML 5Page - STMicroelectronics AN3161 Datasheet HTML 6Page - STMicroelectronics AN3161 Datasheet HTML 7Page - STMicroelectronics AN3161 Datasheet HTML 8Page - STMicroelectronics AN3161 Datasheet HTML 9Page - STMicroelectronics AN3161 Datasheet HTML 10Page - STMicroelectronics AN3161 Datasheet HTML 11Page - STMicroelectronics AN3161 Datasheet HTML 12Page - STMicroelectronics AN3161 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN3161
The STGW35HF60WD on the test bench
Doc ID 17151 Rev 1
9/14
4
The STGW35HF60WD on the test bench
A DC-DC boost converter (Figure 5) has been used as a test vehicle to evaluate two
STGW35HF60WD IGBTs working in parallel.
Figure 5.
DC-DC boost scheme
Boost specifications:
–VIN(DC) = 250 V
–ITAV = 20 A
–VOUT = 380 V
–Fsw = 30 kHz
–
Duty = 0.33%
–
CCM operation
A preliminary analysis has been performed to measure the dynamic
∆IC established
between several couples of paralleled IGBTs. To target the best current sharing, the static
VCE(sat)(@20 A,15 V, 25 °C) has been chosen as selection criteria to split the total IGBT
population (as illustrated in Figure 6) and three sets of tests are reported in this document.
Figure 6.
VCE(sat)(@20 A, 25 °C, 15 V) grouping for the STGW35HF60WD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com