Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3161 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3161
Description  Using the STGW35HF60WD advanced PT IGBT in parallel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3161 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3161 Datasheet HTML 6Page - STMicroelectronics AN3161 Datasheet HTML 7Page - STMicroelectronics AN3161 Datasheet HTML 8Page - STMicroelectronics AN3161 Datasheet HTML 9Page - STMicroelectronics AN3161 Datasheet HTML 10Page - STMicroelectronics AN3161 Datasheet HTML 11Page - STMicroelectronics AN3161 Datasheet HTML 12Page - STMicroelectronics AN3161 Datasheet HTML 13Page - STMicroelectronics AN3161 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN3161
The STGW35HF60WD on the test bench
Doc ID 17151 Rev 1
11/14
Couple n.2
Couple n.3
If an acceptable value of
∆IC/ITOT = 10%
−14% is considered in terms of efficiency, Table 1
shows that three VCE(sat) grouping allows the paralleling of the IGBTs with excellent
performance results.
Figure 9.
∆IC at TC = 25 °C (board startup)
Figure 10.
∆IC at TC = 100 °C
Figure 11.
∆IC at TC = 25 °C (board startup)
Figure 12.
∆IC at TC = 100 °C
Table 1.
∆IC/ITOT % summary
Couple 1
(
∆VCE(sat) = 270 mV)
Couple 2
(
∆VCE(sat) = 250 mV)
Couple 3
(
∆VCE(sat) = 400 mV)
∆IC (25 °C)/ITOT %
20%
21%
25.4%
∆IC (100 °C)/ITOT %
14%
12.9%
11%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com