Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3161 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3161
Description  Using the STGW35HF60WD advanced PT IGBT in parallel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3161 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3161 Datasheet HTML 1Page - STMicroelectronics AN3161 Datasheet HTML 2Page - STMicroelectronics AN3161 Datasheet HTML 3Page - STMicroelectronics AN3161 Datasheet HTML 4Page - STMicroelectronics AN3161 Datasheet HTML 5Page - STMicroelectronics AN3161 Datasheet HTML 6Page - STMicroelectronics AN3161 Datasheet HTML 7Page - STMicroelectronics AN3161 Datasheet HTML 8Page - STMicroelectronics AN3161 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN3161
Saturation voltage impact on parallel
Doc ID 17151 Rev 1
5/14
Figure 2.
∆IC (@TJ > 25 °C) of two paralleled IGBT without negative feedback
As a consequence of the negative VCE(sat) coefficient, a higher ∆IC is established at high TJ
(Figure 2). This can cause thermal instability if an accurate negative feedback is not
implemented. NPT and field stop IGBTs have positive VCE(sat) coefficients (the latter
typically starting from low current levels). When working in parallel the one carrying the
higher current increases its temperature, which causes a VCE(sat) increase. This means that,
at the same on-state voltage level, the current does not increase with temperature as in PT
IGBTs; this guarantees an intrinsic balancing mechanism, preventing thermal runaway.
AM06440v1
Tj>25°C,
V GE =15V
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
Vce collector emitter voltage (V)
ΔIC
IC1
VCE1=VCE2
ICTOT=IC(T1)+IC(T2)
IC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com