Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3161 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3161
Description  Using the STGW35HF60WD advanced PT IGBT in parallel
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3161 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3161 Datasheet HTML 6Page - STMicroelectronics AN3161 Datasheet HTML 7Page - STMicroelectronics AN3161 Datasheet HTML 8Page - STMicroelectronics AN3161 Datasheet HTML 9Page - STMicroelectronics AN3161 Datasheet HTML 10Page - STMicroelectronics AN3161 Datasheet HTML 11Page - STMicroelectronics AN3161 Datasheet HTML 12Page - STMicroelectronics AN3161 Datasheet HTML 13Page - STMicroelectronics AN3161 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Conclusion
AN3161
12/14
Doc ID 17151 Rev 1
5
Conclusion
Several tests performed on the new advanced planar PT STGW35HF60WD show that
STMicroelectronics’ advanced PT technology can be paralleled with satisfactory
performance in terms of thermal and current sharing. Reliable paralleling, however, requires
good thermal feedback implementation and VCE(sat) selection of the total IGBT population.
Both of these factors provide a balancing mechanism to reduce and keep stable the
dynamic
∆IC at operating conditions. Finally, the STGW35HF60WD is offered in three
different VCE(sat) groups, as shown in Table 2: Suggested VCE(sat) (@20 A, 25 °C, 15 V)
selection as per datasheet and as reported in the datasheet, for a safe parallel connection
without risk of thermal runaway.
Table 2.
Suggested VCE(sat) (@20 A, 25 °C, 15 V) selection as per datasheet
(1)
1.
The VCE(sat) grouping reported above is slightly different from the one in Figure 6, in order to meet the
testing rules.
Group “A”
Group “B”
Group “C”
1.68 V
− 1.92 V
1.88 V
− 2.17 V
2.13 V
− 2.5 V
@20 A, 25 °C, 15 V
@20 A, 25 °C, 15 V
@20 A, 25 °C, 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com