Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4191 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4191
Description  This report shows the analysis performed on Power MOSFET devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4191 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4191 Datasheet HTML 8Page - STMicroelectronics AN4191 Datasheet HTML 9Page - STMicroelectronics AN4191 Datasheet HTML 10Page - STMicroelectronics AN4191 Datasheet HTML 11Page - STMicroelectronics AN4191 Datasheet HTML 12Page - STMicroelectronics AN4191 Datasheet HTML 13Page - STMicroelectronics AN4191 Datasheet HTML 14Page - STMicroelectronics AN4191 Datasheet HTML 15Page - STMicroelectronics AN4191 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Rg impact for MOSFETs in buck/buck-boost configurations
AN4191
12/20
Doc ID 023815 Rev 1
3
Rg impact for MOSFETs in buck/buck-boost
configurations
Let's consider now the Rg impact on MOSFET switching behavior and thermal management
in a real customer application. In particular, the MOSFET is used as a control or
synchronous switch in a single-phase synchronous buck or buck-boost converter. These
topologies are widely used in the computer and peripherals sector, when a fixed output
voltage is generated from a regulated input voltage by adjusting properly the device turn-on
time and therefore the converter duty cycle (D = VOUT / VIN). The output voltage feeds
various system blocks (i.e. CPU, DDR, etc.…).
Too high Rg values can affect the MOSFET performance in the application, particularly:
a)
Rising/falling edges slowing down.
b)
LS false turn-on risk enhancement.
c)
Driver/MOSFET temperature increase.
3.1
Rising/falling edges slowing down
Initially, let's consider a buck-boost converter (Figure 12), that lowers the input voltage (5 V)
generating - 5 V as VOUT. Ch2 (drain voltage) and Ch3 (gate voltage) indicate the probe
placement. Two equal FETs, with different Rg values, are compared as the control switch.
Figure 12.
Buck-boost converter
In Figure 13 and Figure 14 respectively, the waveforms for a “good” part (standard Rg value)
and “bad” part (high Rg value) are illustrated.
CH3
CH2
5Vin
-5Vout
CH3
CH2
5Vin
-5Vout
AM16419V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com