Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4191 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4191
Description  This report shows the analysis performed on Power MOSFET devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4191 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4191 Datasheet HTML 12Page - STMicroelectronics AN4191 Datasheet HTML 13Page - STMicroelectronics AN4191 Datasheet HTML 14Page - STMicroelectronics AN4191 Datasheet HTML 15Page - STMicroelectronics AN4191 Datasheet HTML 16Page - STMicroelectronics AN4191 Datasheet HTML 17Page - STMicroelectronics AN4191 Datasheet HTML 18Page - STMicroelectronics AN4191 Datasheet HTML 19Page - STMicroelectronics AN4191 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Rg impact for MOSFETs in buck/buck-boost configurations
AN4191
16/20
Doc ID 023815 Rev 1
Figure 22.
Synchronous buck converter schematic
In this board two different sample categories of the same device (20 V / 5A SLL Vth) are
compared: the “good” parts, with standard Rg (aligned to datasheet values) and the “bad”
parts, with high Rg values. The dynamic parameters are reported in Table 2 and 3.
The main analysis key points are:
●
Switching behavior evaluation and waveform capture
●
Driver/MOSFET thermal measurements at board startup.
In Figure 23 and Figure 24, the VDS and VOUT waveforms for “good” and “bad” parts,
respectively, are illustrated.
Table 2.
Dynamic parameters for “good” part
Ciss [pF]
Coss [pF]
Crss [pF]
Rg [Ω]
375.14
173.54
46.08
2.98
Table 3.
Dynamic parameters for “bad” part
Ciss [pF]
Coss [pF]
Crss [pF]
Rg [Ω]
335.14
172.48
41.99
125.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com